전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM6734 데이터시트(PDF) 16 Page - Texas Instruments

부품명 AM6734
상세설명  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AM6734 데이터시트(HTML) 16 Page - Texas Instruments

Back Button AM6734 Datasheet HTML 12Page - Texas Instruments AM6734 Datasheet HTML 13Page - Texas Instruments AM6734 Datasheet HTML 14Page - Texas Instruments AM6734 Datasheet HTML 15Page - Texas Instruments AM6734 Datasheet HTML 16Page - Texas Instruments AM6734 Datasheet HTML 17Page - Texas Instruments AM6734 Datasheet HTML 18Page - Texas Instruments AM6734 Datasheet HTML 19Page - Texas Instruments AM6734 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
V3
DDR0_DQ16
DDR0_DQ16
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
R2
DDR0_DQ17
DDR0_DQ17
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
R5
DDR0_DQ18
DDR0_DQ18
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
T2
DDR0_DQ19
DDR0_DQ19
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
R3
DDR0_DQ20
DDR0_DQ20
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
U2
DDR0_DQ21
DDR0_DQ21
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
U5
DDR0_DQ22
DDR0_DQ22
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
V2
DDR0_DQ23
DDR0_DQ23
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
Y2
DDR0_DQ24
DDR0_DQ24
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
W4
DDR0_DQ25
DDR0_DQ25
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
V5
DDR0_DQ26
DDR0_DQ26
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
W2
DDR0_DQ27
DDR0_DQ27
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
V6
DDR0_DQ28
DDR0_DQ28
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
W3
DDR0_DQ29
DDR0_DQ29
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
AA3
DDR0_DQ30
DDR0_DQ30
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
AA5
DDR0_DQ31
DDR0_DQ31
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
E1
DDR0_DQS0
DDR0_DQS0
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
F1
DDR0_DQS0_n
DDR0_DQS0_n
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
H1
DDR0_DQS1
DDR0_DQS1
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
J1
DDR0_DQS1_n
DDR0_DQS1_n
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
T1
DDR0_DQS2
DDR0_DQS2
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
U1
DDR0_DQS2_n
DDR0_DQS2_n
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More