| 전자부품 데이터시트 검색엔진 |
|
TDA4AEN...Q1 데이터시트(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4AEN...Q1 데이터시트(HTML) 15 Page - Texas Instruments |
|
15 / 236 page ![]() Table 5-1. Pin Attributes (AMW Package) (continued) BALL NUMBER [1] BALL NAME [2] PADCONFIG Register [15] PADCONFIG Address [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] DSIS [6] BALL STATE DURING RESET (RX/TX/PULL) [7] BALL STATE AFTER RESET (RX/TX/PULL) [8] MUX MODE AFTER RESET [9] I/O OPERATING VOLTAGE [10] POWER [11] HYS [12] BUFFER TYPE [13] PULL UP/DOWN TYPE [14] V3 DDR0_DQ16 DDR0_DQ16 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR R2 DDR0_DQ17 DDR0_DQ17 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR R5 DDR0_DQ18 DDR0_DQ18 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR T2 DDR0_DQ19 DDR0_DQ19 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR R3 DDR0_DQ20 DDR0_DQ20 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR U2 DDR0_DQ21 DDR0_DQ21 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR U5 DDR0_DQ22 DDR0_DQ22 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR V2 DDR0_DQ23 DDR0_DQ23 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR Y2 DDR0_DQ24 DDR0_DQ24 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR W4 DDR0_DQ25 DDR0_DQ25 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR V5 DDR0_DQ26 DDR0_DQ26 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR W2 DDR0_DQ27 DDR0_DQ27 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR V6 DDR0_DQ28 DDR0_DQ28 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR W3 DDR0_DQ29 DDR0_DQ29 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR AA3 DDR0_DQ30 DDR0_DQ30 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR AA5 DDR0_DQ31 DDR0_DQ31 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR E1 DDR0_DQS0 DDR0_DQS0 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR F1 DDR0_DQS0_n DDR0_DQS0_n IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR H1 DDR0_DQS1 DDR0_DQS1 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR J1 DDR0_DQS1_n DDR0_DQS1_n IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR T1 DDR0_DQS2 DDR0_DQS2 IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR U1 DDR0_DQS2_n DDR0_DQS2_n IO 1.1 V/1.2 V VDDS_DDR, VDDS_DDR_C DDR www.ti.com TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 15 Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |