| 전자부품 데이터시트 검색엔진 |
|
TDA4AEN...Q1 데이터시트(PDF) 169 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4AEN...Q1 데이터시트(HTML) 169 Page - Texas Instruments |
|
169 / 236 page ![]() 6.9.5.17 MCSPI Note McSPI has one or more signals which can be multiplexed to more than one pin. Timing requirements and switching characteristics defined in this section are only valid for specific pin combinations known as IOSETs. Valid pin combinations or IOSETs for this interface are defined in the SysConfig-PinMux Tool. For more details about features and additional description information on the device Serial Port Interface, see the corresponding subsections within Signal Descriptions and Detailed Description sections. Table 6-76 presents timing conditions for MCSPI. Table 6-76. MCSPI Timing Conditions PARAMETER MIN MAX UNIT INPUT CONDITIONS SRI Input slew rate 2 8.5 V/ns OUTPUT CONDITIONS CL Output load capacitance 6 12 pF For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the device TRM. www.ti.com TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 169 Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |