전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P2CF-08-E 데이터시트(PDF) 21 Page - Omron Electronics LLC

부품명 P2CF-08-E
상세설명  Solid-state Multi-functional Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08-E 데이터시트(HTML) 21 Page - Omron Electronics LLC

Back Button P2CF-08-E Datasheet HTML 14Page - Omron Electronics LLC P2CF-08-E Datasheet HTML 15Page - Omron Electronics LLC P2CF-08-E Datasheet HTML 16Page - Omron Electronics LLC P2CF-08-E Datasheet HTML 17Page - Omron Electronics LLC P2CF-08-E Datasheet HTML 18Page - Omron Electronics LLC P2CF-08-E Datasheet HTML 19Page - Omron Electronics LLC P2CF-08-E Datasheet HTML 20Page - Omron Electronics LLC P2CF-08-E Datasheet HTML 21Page - Omron Electronics LLC P2CF-08-E Datasheet HTML 22Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Solid-state Multi-functional Timer
H3CR-A
B-129
Precautions (H3CR-A)
Note: The undermentioned is common for all H3CR-A models.
I Power Supplies
For the power supply of an input device of the H3CR-A
@/-A@S/-AP,
use an isolating transformer with the primary and secondary wind-
ings mutually isolated and the secondary winding not grounded.
Example: H3CR-A
The H3CR-A
@/-A@S/AP’s power supply terminal 2 is a common ter-
minal for input signals to the Timer. Do not disconnect the wires on
terminal 2, otherwise the internal circuitry of the Timer will be dam-
aged.
Make sure that the voltage is applied within the specified range, oth-
erwise the internal elements of the Timer may be damaged.
I Input/Output
Relationship between Input and Power
Supply Circuits (except for H3CR-A8E)
The H3CR-A (except for H3CR-A8E) uses transformerless power
supply. When connecting a relay or transistor as an external signal
input device, pay attention to the following points to prevent short-cir-
cuiting due to a sneak current to the transformerless power supply. If
a relay or transistor is connected to two or more Timers, the input ter-
minals of those Timers must be wired properly so that they will not
differ in phase, otherwise the terminals will be short-circuited to one
another.
It is impossible to provide two independent power switches as shown
below regardless of whether or not the Timers are different in phase.
S,
G,
R
5, 6, 7
2
10
2
H3CR-A
Power supply
Isolation transformer is required.
Input device
Input
terminal
5, 6, 7
G, S, R
10
2
H3CR-A
Input terminal
Power supply
H3CR-A
Power supply
Incorrect
Correct
Short-circuit current
Contact or transistor for
external input signal
Input
terminal
Input
terminal
Input
terminal
Input
terminal
Power supply
Input
terminal
Input
terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22