전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF90ABPT-TR 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 LF90ABPT-TR
상세설명  Very low drop voltage regulators with inhibit
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF90ABPT-TR 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button LF90ABPT-TR Datasheet HTML 35Page - STMicroelectronics LF90ABPT-TR Datasheet HTML 36Page - STMicroelectronics LF90ABPT-TR Datasheet HTML 37Page - STMicroelectronics LF90ABPT-TR Datasheet HTML 38Page - STMicroelectronics LF90ABPT-TR Datasheet HTML 39Page - STMicroelectronics LF90ABPT-TR Datasheet HTML 40Page - STMicroelectronics LF90ABPT-TR Datasheet HTML 41Page - STMicroelectronics LF90ABPT-TR Datasheet HTML 42Page - STMicroelectronics LF90ABPT-TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
LFxxAB - LFxxC
Package mechanical data
39/45
Dim.
mm.
inch.
Min.
Typ
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1
0.0300.039
F1
1.15
1.50
0.045
0.059
F2
1.15
1.50
0.045
0.059
G4.95
5.2
0.194
0.204
G1
2.4
2.7
0.094
0.106
H
10.0
10.40
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.3850.417
L5
2.93.6
0.114
0.142
L6
15.9
16.4
0.626
0.645
L7
99.3
0.354
0.366
DIA.
33.2
0.118
0.126
TO-220FP mechanical data
7012510A-H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45