| 전자부품 데이터시트 검색엔진 |
|
ACST88C 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ACST88C 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() ACST8-8C 2/8 Symbol Parameter Value Unit VDRM / VRRM Repetitive peak off-state voltage 800 V IT(RMS) RMS on-state current full cycle sine wave 50 to 60 Hz Tcase = 90°C 8 A ITSM Non repetitive surge peak on-state current Tj initial = 25°C, full cycle sine wave tp = 20ms 80 A tp = 16.7ms 85 A I 2t Thermal constraint for fuse selection tp = 10ms 35 A 2s dI/dt Non repetitive on-state current critical rate of rise IG = 10mA (tr < 100ns) Rate period > 1mn 100 A/ µs VPP Non repetitive line peak pulse voltage note 1 2kV Tstg Storage temperature range - 40 to + 150 °C Tj Operating junction temperature range - 40 to + 125 °C Tl Maximum lead soldering temperature during 10s 260 °C Note 1: according to test described by IEC61000-4-5 standard & Figure A. ABSOLUTE RATINGS (limiting values) Symbol Parameter Value Unit PG (AV) Average gate power dissipation 0.1 W PGM Peak gate power dissipation (tp = 20µs) 10 W IGM Peak gate current (tp = 20µs) 1 A GATE CHARACTERISTICS (maximum values) Symbol Parameter Value Unit Rth (j-a) Junction to ambient 60 °C/W Rth (j-c) Junction to case for full cycle sine wave conduction 3.5 °C/W THERMAL RESISTANCE Parameter Symbol Parameter description IGT Gate triggering current VGT Gate triggering voltage VGD Non triggering voltage IH Holding current IL Latching current VTM On state voltage VTO On state characteristic threshold voltage RD On state characteristic dynamic resistance IDRM /IRRM Forward or reverse leakage current dV/dt Static pin OUT voltage rise (dI/dt)c Turn off current rate of decay VCL Avalanche voltage at turn off PARAMETER DESCRIPTION |