| 전자부품 데이터시트 검색엔진 |
|
IP2003PBF 데이터시트(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IP2003PBF 데이터시트(HTML) 8 Page - International Rectifier |
|
8 / 9 page ![]() www.irf.com 8 iP2003PbF Fig 10: Maximum T CASE measurement location Fig 11: Mechanical Drawing 0408 iP2003 4.8 [0.19] 2.0 [0.08] 0.15 [.006] C 2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 3. CONTROLLING DIMENSION: MILLIMETER 1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994. NOTES: B A 0.15 [.006] C 2X 2X TOP VIEW BOTTOM VIEW PACKAGE BODY. 5 PRIMARY DATUM C IS SEATING PLANE. 6 BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE 6 6 ORIENTATION CORNER ID 11.00 [.433] 11.00 [.433] 2.31 [.0909] 2.13 [.0839] 4. LAND DESIGNATION PER JESD MO 222, SPP-010. (6) (8) Y X (7) X Y Y (5) Y X X (2),(3) L2 X Y L1 F2 F1 2.032 5.588 5.588 3.048 2.921 5.334 5.715 1.778 1.1430 1.1016 0.345 0.3556 1.348 BSC 1.4732 BSC D1 E1 E2 (1) 2.1016 1.1430 (4) 1.1430 1.2827 X Y Y X L1 L2 L3 L3 0.332 D2 F2 F1 V D1 D2 3.023 BSC 5.945 BSC E1 E2 7.1167 BSC 7.289 BSC PGND V PGND LAYOUT NOTES: 1. LAND PATTERN ON USER’S PCB SHOULD BE AN IDENTICAL MIRROR V ENABLE PWM PRDY IMAGE OF THE PATTERN SHOWN IN THE BOTTOM VIEW. 2. LANDS SHOULD BE SOLDER MASK DEFINED. C 5 SIDE VIEW e e1 e2 2.4384 3.8610 2.0193 SW IN DD iP2003PbF |