전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18LF8627IPTQTP 데이터시트(PDF) 4 Page - Microchip Technology

부품명 PIC18LF8627IPTQTP
상세설명  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF8627IPTQTP 데이터시트(HTML) 4 Page - Microchip Technology

  PIC18LF8627IPTQTP Datasheet HTML 1Page - Microchip Technology PIC18LF8627IPTQTP Datasheet HTML 2Page - Microchip Technology PIC18LF8627IPTQTP Datasheet HTML 3Page - Microchip Technology PIC18LF8627IPTQTP Datasheet HTML 4Page - Microchip Technology PIC18LF8627IPTQTP Datasheet HTML 5Page - Microchip Technology PIC18LF8627IPTQTP Datasheet HTML 6Page - Microchip Technology PIC18LF8627IPTQTP Datasheet HTML 7Page - Microchip Technology PIC18LF8627IPTQTP Datasheet HTML 8Page - Microchip Technology PIC18LF8627IPTQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 448 page
background image
PIC18F8722 FAMILY
DS39646B-page 2
Preliminary
 2004 Microchip Technology Inc.
Pin Diagrams
Note 1:
The ECCP2/P2A pin placement is determined by the CCP2MX configuration bit.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
38
37
36
35
34
33
50 49
17 18 19 20 21 22 23 24 25 26
RE1/WR/P2C
RE0/RD/P2D
RG0/ECCP3/P3A
RG1/TX2/CK2
RG2/RX2/DT2
RG3/CCP4/P3D
RG5/MCLR/VPP
RG4/CCP5/P1D
VSS
VDD
RF7/SS1
RF6/AN11
RF5/AN10/CVREF
RF4/AN9
RF3/AN8
RF2/AN7/C1OUT
RB0/INT0
RB1/INT1
RB2/INT2
RB3/INT3
RB4/KBI0
RB5/KBI1/PGM
RB6/KBI2/PGC
VSS
OSC2/CLKO/RA6
OSC1/CLKI/RA7
VDD
RB7/KBI3/PGD
RC4/SDI1/SDA1
RC3/SCK1/SCL1
RC2/ECCP1/P1A
RC5/SDO1
15
16
31
40
39
27 28 29 30
32
48
47
46
45
44
43
42
41
54 53 52 51
58 57 56 55
60 59
64 63 62 61
64-Pin TQFP
PIC18F6527
PIC18F6622
PIC18F6627
PIC18F6722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More