전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2BZX84C47 데이터시트(PDF) 2 Page - Diotec Semiconductor

부품명 2BZX84C47
상세설명  Surface mount Silicon Planar Dual Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

2BZX84C47 데이터시트(HTML) 2 Page - Diotec Semiconductor

  2BZX84C47 Datasheet HTML 1Page - Diotec Semiconductor 2BZX84C47 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2BZX84C3V0 ... 2BZX84C47 (300 mW)
Maximum ratings
Grenzwerte
Type
Typ
Code
Kodierung
Zener voltage 1)
Zener-Spanng. 1)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-spanng.
Reverse voltage
perrspannung
VR at/bei IR
Z-current 2)
Z-Strom 2)
TA = 50°C
2BZX84...
or/oder
Vzmin [V]
Vzmax [V]
IZ = 5 mA
IZ = 1 mA
αVZ [10-4/°C]
VR [V]
IR [µA]
IZmax [mA]
...C3V0
D3.0/MR
2.8
3.2
< 85
< 600
-8...-5
1
10
94
...C3V3
D3.3/MX
3.1
3.5
< 85
< 600
-8...-5
1
5
86
...C3V6
D3.6/MY
3.4
3.8
< 85
< 600
-8...-5
1
5
79
...C3V9
D3.9/MZ
3.7
4.1
< 85
< 600
-8...-5
1
3
73
...C4V3
D4.3/NA
4.0
4.6
< 80
< 600
-7...-4
1
3
65
...C4V7
D4.7/NB
4.4
5.0
< 80
< 500
-5...-2
2
3
60
...C5V1
D5.1/NC
4.8
5.4
< 60
< 480
-2...+2
2
2
56
...C5V6
D5.6/ND
5.2
6.0
< 40
< 400
-1...+4
2
1
50
...C6V2
D6.2/NE
5.8
6.6
< 10
< 150
+2...+5
4
3
45
...C6V8
D6.8/NF
6.4
7.2
< 15
< 80
+3...+6
4
2
42
...C7V5
D7.5/NH
7.0
7.9
< 15
< 80
+3...+6
5
1
38
...C8V2
D8.2/NJ
7.7
8.7
< 15
< 80
+4...+7
5
0.7
34
...C9V1
D9.1/NK
8.5
9.6
< 15
< 100
+4...+7
6
0.5
31
...C10
D10/NM
9.4
10.6
< 20
< 150
+5...+8
7
0.2
28
...C11
D11/NN
10.4
11.6
< 20
< 150
+5...+8
8
0.1
26
...C12
D12/NP
11.4
12.7
< 25
< 150
+5...+8
8
0.1
24
...C13
D13/NX
12.4
14.1
< 30
< 170
+6...+9
8
0.1
21
...C15
D15/NY
13.8
15.6
< 30
< 200
+6...+9
10.5
0.05
19
...C16
D16/NZ
15.3
17.1
< 40
< 200
+6...+9
11.2
0.05
18
...C18
D18/PA
16.8
19.1
< 45
< 225
+6...+9
12.6
0.05
16
...C20
D20/PB
18.8
21.2
< 55
< 225
+6...+9
14.0
0.05
14
...C22
D22/PC
20.8
23.3
< 55
< 250
+7...+10
15.4
0.05
13
...C24
D24/PD
22.8
25.6
< 70
< 250
+7...+10
16.8
0.05
12
IZ =
2 mA
2 mA
2 mA
0.5 mA
...C27
D27/PE
25.1
28.9
< 80
< 300
+7...+10
18.9
0.05
10
...C30
D30/PF
28
32
< 80
< 300
+7...+10
21.0
0.05
9
...C33
D33/PH
31
35
< 80
< 325
+7...+10
23.1
0.05
9
...C36
D36/PJ
34
38
< 90
< 350
+7...+10
25.1
0.05
8
...C39
D39/PM
37
41
< 130
< 350
+7...+10
27.3
0.05
7
...C43
D42/PN
40
46
< 150
< 375
+7...+10
30.1
0.05
7
...C47
D47/PP
44
50
< 170
< 375
+7...+10
32.9
0.05
6
1
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
2
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com