전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRI64-A7T 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 LRI64-A7T
상세설명  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button LRI64-A7T Datasheet HTML 17Page - STMicroelectronics LRI64-A7T Datasheet HTML 18Page - STMicroelectronics LRI64-A7T Datasheet HTML 19Page - STMicroelectronics LRI64-A7T Datasheet HTML 20Page - STMicroelectronics LRI64-A7T Datasheet HTML 21Page - STMicroelectronics LRI64-A7T Datasheet HTML 22Page - STMicroelectronics LRI64-A7T Datasheet HTML 23Page - STMicroelectronics LRI64-A7T Datasheet HTML 24Page - STMicroelectronics LRI64-A7T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
LRI64
LRI64 states
21/52
12
LRI64 states
A LRI64 can be in any one of three states:
●
Power-off
●
Ready
●
Quiet
Transitions between these states are as specified in Figure 19.
12.1
Power-off state
The LRI64 is in the Power-off state when it receives insufficient energy from the VCD.
12.2
Ready state
The LRI64 is in the Ready state when it receives enough energy from the VCD. It answers to
any Request in Addressed and Non-addressed modes.
12.3
Quiet state
When in the Quiet State, the LRI64 answers to any Request in Addressed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52