전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC405EP-3LB133C 데이터시트(PDF) 6 Page - Applied Micro Circuits Corporation

부품명 PPC405EP-3LB133C
상세설명  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB133C 데이터시트(HTML) 6 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB133C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405EP-3LB133C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405EP-3LB133C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405EP-3LB133C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405EP-3LB133C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EP-3LB133C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EP-3LB133C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP-3LB133C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405EP-3LB133C Datasheet HTML 10Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
6
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
Address Maps
The PPC405EP incorporates two address maps. The first address map defines the possible use of addressable
memory regions that the processor can access. The second address map defines Device Configuration Register
(DCR) addresses (numbers). The DCRs are accessed by software running on the PPC405EP processor through
the use of mtdcr and mfdcr instructions.
Table 1. System Memory Address Map (4GB System Memory)
Function
Subfunction
Start Address
End Address
Size
General Use
SDRAM, External Peripherals, and PCI
Memory
Note: Any of the address ranges listed at
right may be use for any of the above
functions.
0x00000000
0xE7FFFFFF
3712MB
0xE8010000
0xE87FFFFF
8MB
0xEC000000
0xEEBFFFFF
44MB
0xEEE00000
0xEF3FFFFF
6MB
0xEF500000
0xEF5FFFFF
1MB
0xEF900000
0xFFFFFFFF
263MB
Boot-up
Peripheral Bus Boot 1
0xFFE00000
0xFFFFFFFF
2MB
PCI Boot 2
0xFFFE0000
0xFFFFFFFF
128KB
PCI
PCI I/O
0xE8000000
0xE800FFFF
64KB
PCI I/O
0xE8800000
0xEBFFFFFF
56MB
Configuration Registers
0xEEC00000
0xEEC00007
8B
Interrupt Acknowledge and Special Cycle
0xEED00000
0xEED00003
4B
Local Configuration Registers
0xEF400000
0xEF40003F
64B
Internal Peripherals
GPT
0xEF600000
0xEF6000FF
256B
UART0
0xEF600300
0xEF600307
8B
UART1
0xEF600400
0xEF600407
8B
IIC0
0xEF600500
0xEF60051F
32B
OPB Arbiter
0xEF600600
0xEF60063F
64B
GPIO Controller Registers
0xEF600700
0xEF60077F
128B
Ethernet 0 Controller Registers
0xEF600800
0xEF6008FF
256B
Ethernet 1 Controller Registers
0xEF600900
0xEF6009FF
256B
Notes:
1. When peripheral bus boot is selected, peripheral bank 0 is automatically configured at reset to the address range listed above.
2. If PCI boot is selected, a PLB-to-PCI mapping is automatically configured at reset to the address range listed above.
3. After the boot process, software may reassign the boot memory regions for other uses.
4. All address ranges not listed above are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50