전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC405EP-3LB200CZ 데이터시트(PDF) 48 Page - Applied Micro Circuits Corporation

부품명 PPC405EP-3LB200CZ
상세설명  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB200CZ 데이터시트(HTML) 48 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB200CZ Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 50Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
48
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
Initialization
The following describes the method by which initial chip settings are established when a system reset occurs.
Strapping
When the SysReset input is driven low (system reset), the state of certain I/O pins is read to enable default initial
conditions prior to PPC405EP start-up. The actual capture instant is the nearest system clock edge before the
deassertion of reset. These pins must be strapped using external pull-up (logical 1) or pull-down (logical 0)
resistors to select the desired default conditions. The recommended pull-up is 3k
Ω to +3.3V or 10kΩ to +5V. The
recommended pull-down is 1K
Ω to GND. These pins are use for strap functions only during reset. They are used
for other signals during normal operation. The following table lists the strapping pins along with their functions and
strapping options. The signal names assigned to the pins for normal operation appear below the pin number.
EEPROM
During reset, configuration values other than the internal default values can be read from a serial EEPROM
connected to the IIC port. The association of bits in the EEPROM with the configuration values and their default
values are covered in detail in the PowerPC 405EP Embedded Processor User’s Manual.
Note: If P04 is strapped to 1, and the EEPROM is not connected or is defective, the PPC405EP remains in the
reset state and will not boot.
Table 16. Strapping Pin Assignments
Function
Option
Ball Strapping
IIC EEPROM controller
If the controller is enabled, 32 bytes of configuration data
are read from the EEPROM.
P04
UART0_Tx
Disable
0
Enable
1
EEPROM address (P04 = 1)
or
Boot ROM width (P04 = 0)
N02
UART0_RTS
Y17
SysErr
When P04 = 1, these pins set the high-order two
bits of the EEPROM base address.
High order EEPROM base address bits
Address bit
Address bit
When P04 = 0, these pins indicated the width of
the boot ROM.
8 bits
0
0
16 bits
0
1
reserved
1
0
reserved
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com