| 전자부품 데이터시트 검색엔진 |
|
PPC405EX-SPAFFFTX 데이터시트(PDF) 62 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405EX-SPAFFFTX 데이터시트(HTML) 62 Page - Applied Micro Circuits Corporation |
|
62 / 67 page ![]() PPC405EX – PowerPC 405EX Embedded Processor 62 AMCC Proprietary Revision 1.09 - August 21, 2007 Preliminary Data Sheet Figure 8. DDR SDRAM Read Data Path DDR SDRAM Read Cycle Timing The following diagram illustrates the relationship of the signals involved with a DDR read operation. Figure 9. DDR SDRAM Memory Data and DQS PLB bus DQ Programmed Delay Package Mux Read DQS C D FF: Flip-Flop Q2 DQS DDR 1X Clock Mux Data (x32) (x32) Read FIFO PLB 1X Clock Stage 2 Stage 1 Stage 3 FF PLB bus [0:63] [64:127] DQS Rising DQS Falling Q3 0 6 4 2 (x32) Coarse Delay Cycles Driver Rec MemDCFdbkD MemDCFdbkR Ext FeedBack Read Start Feedback Data Capture Window DDR 1X Clock Stage 2 Store Oversampling DQS aligned CAS Lat Delay FeedBack Signal Gen Fine Delay T1 T2 T3 T4 Fine Delay FF FF 7 5 3 1 1 0 7 Edge Sync Edge Sync Upper Lower Signals pins FF Q2_Ovs FF FBK signal Delay +1 Compare DDR 1X Clock Oversampling Clock Read Latency adjust circuit C D FF FF adjust DQS MemData TSD THD |