전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SDP8405 데이터시트(PDF) 2 Page - Honeywell Solid State Electronics Center

부품명 SDP8405
상세설명  Silicon Phototransistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SDP8405 데이터시트(HTML) 2 Page - Honeywell Solid State Electronics Center

  SDP8405 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SDP8405 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SDP8405 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SDP8405 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Phototransistor
SDP8405
17 September 1997
ELECTRICAL CHARACTERISTICS
UNITS
TEST CONDITIONS
MIN
PARAMETER
SYMBOL
TYP
MAX
SCHEMATIC
ABSOLUTE MAXIMUM RATINGS
(25¡C Free-Air Temperature unless otherwise noted)
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
70 mW [À]
Operating Temperature Range
-40¡C to 85¡C
Storage Temperature Range
-40¡C to 85¡C
Soldering Temperature (5 sec)
240¡C
Notes
1. Derate linearly from 25¡C free-air temperature at the rate of
0.18 mW/¡C.
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
© Honeywell Inc.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com