전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

405GPR 데이터시트(PDF) 21 Page - Applied Micro Circuits Corporation

부품명 405GPR
상세설명  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405GPR 데이터시트(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button 405GPR Datasheet HTML 17Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 18Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 19Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 20Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 21Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 22Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 23Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 24Page - Applied Micro Circuits Corporation 405GPR Datasheet HTML 25Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
21
Revision 2.04 – September 7, 2007
Data Sheet
PCIClk
B20
PCI
30
PCIDevSel
H25
PCI
30
PCIFrame
J24
PCI
30
PCIGnt0[Req]
PCIGnt1
PCIGnt2
PCIGnt3
PCIGnt4
PCIGnt5
U23
T23
F23
H26
N23
M24
PCI
30
PCIIDSel
P26
PCI
30
PCIINT[PerWE]C23
PCI
30
PCIIRDY
J23
PCI
30
PCIParity
E26
PCI
30
PCIPErr
G25
PCI
30
PCIReq0[Gnt]
PCIReq1
PCIReq2
PCIReq3
PCIReq4
PCIReq5
C19
C21
B19
A24
G23
J25
PCI
30
PCIReset
B24
PCI
30
PCISErr
G24
PCI
30
PCIStop
H23
PCI
30
PCITRDY
G26
PCI
30
PerAddr0
PerAddr1
PerAddr2
PerAddr3
PerAddr4
PerAddr5
PerAddr6
PerAddr7
PerAddr8
PerAddr9
PerAddr10
PerAddr11
PerAddr12
PerAddr13
PerAddr14
PerAddr15
PerAddr16
PerAddr17
PerAddr18
PerAddr19
PerAddr20
PerAddr21
PerAddr22
PerAddr23
PerAddr24
PerAddr25
PerAddr26
PerAddr27
PerAddr28
PerAddr29
PerAddr30
PerAddr31
D5
A3
B4
B5
D6
B6
C6
D7
A5
B7
C7
D8
B8
C8
D9
A8
C9
D10
C10
A10
D11
B12
D13
D12
B13
A12
A13
C14
A14
A15
C15
D15
External Slave Peripheral
32
PerBLast
F2
External Slave Peripheral
32
PerClk
E4
External Master Peripheral
34
Signals Listed Alphabetically (Sheet 6 of 9)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57