전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC405GPR-3KB266Z 데이터시트(PDF) 17 Page - Applied Micro Circuits Corporation

부품명 PPC405GPR-3KB266Z
상세설명  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3KB266Z 데이터시트(HTML) 17 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3KB266Z Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405GPR-3KB266Z Datasheet HTML 21Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
17
Revision 2.04 – September 7, 2007
Data Sheet
EMCTxErr
K25
Ethernet
31
EOT0/TC0
EOT1/TC1
EOT2/TC2
EOT3/TC3
F3
G2
V2
Y1
External Slave Peripheral
32
ExtAck
Y3
External Master Peripheral
34
ExtReq
Y4
External Master Peripheral
34
ExtReset
T3
External Master Peripheral
34
GND
A1
A2
A6
A11
A16
A19
A21
A26
B2
B25
B26
C3
C24
D4
D23
E5
E9
E13
E14
E18
F1
F26
H1
J5
J22
L1
L11-L16
L26
M11-M16
N5
N11-N16
N22
P5
P11-P16
P22
R11-R16
T1
T11-T16
T26
V5
V22
W26
AA1
AA26
AB5
Ground
Note: L11-L16, M11-M16, N11-N16, P11-P16, R11-R16, and T11-T16 are also
thermal balls.
37
Signals Listed Alphabetically (Sheet 2 of 9)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57