전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

440GP 데이터시트(PDF) 47 Page - Applied Micro Circuits Corporation

부품명 440GP
상세설명  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440GP 데이터시트(HTML) 47 Page - Applied Micro Circuits Corporation

Back Button 440GP Datasheet HTML 43Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 44Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 45Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 46Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 47Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 48Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 49Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 50Page - Applied Micro Circuits Corporation 440GP Datasheet HTML 51Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
47
Revision 1.07 – October 4, 2007
Data Sheet
Strapping Pins
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only
during reset and are used for other functions during normal operation (see “Strapping” on page 80). Note that
these are not multiplexed pins since the function of the pins is not programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83