전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC440GP-3FC400C 데이터시트(PDF) 54 Page - Applied Micro Circuits Corporation

부품명 PPC440GP-3FC400C
상세설명  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3FC400C 데이터시트(HTML) 54 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3FC400C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440GP-3FC400C Datasheet HTML 58Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
54
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Trace Interface
TrcBS0:2
Trace branch execution status.
I/O
5V tolerant
3.3V LVTTL
TrcClk
Trace data capture clock, runs at 1/4 the frequency of the
processor.
O
5V tolerant
3.3V LVTTL
TrcES0:4
Trace Execution Status is presented every fourth processor clock
cycle.
I/O
5V tolerant
3.3V LVTTL
TrcTS0:6
Additional information on trace execution and branch status.
I/O
5V tolerant
3.3V LVTTL
Power Pins
AGND
PLL (analog) voltage ground.
na
na
GND
Ground.
na
na
AxVDD
1.8V—Filtered voltages input for PLLs (analog circuits)
Note: A separate filter for each of the three voltages is
recommended.
na
na
OVDD
3.3V supply—I/O (except DDR SDRAM)
na
na
SVDD
2.5V supply—DDR SDRAM
na
na
VDD
1.8V supply—Logic voltage.
na
na
Reserved Pins
Reserved
Do not connect signals, voltage, or ground to these balls.
na
na
Signal Functional Description (Sheet 7 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V, 10kΩ to 5V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com