| 전자부품 데이터시트 검색엔진 |
|
PPC405GPR-3DB400 데이터시트(PDF) 38 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GPR-3DB400 데이터시트(HTML) 38 Page - Applied Micro Circuits Corporation |
|
38 / 57 page ![]() 405GPr – Power PC 405GPr Embedded Processor 38 AMCC Revision 2.04 – September 7, 2007 Data Sheet Absolute Maximum Ratings The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device Characteristic Symbol Value Unit Supply Voltage (Internal Logic) VDD 0 to +1.95 V Supply Voltage (I/O Interface) OVDD 0 to +3.6 V PLL Supply Voltage AVDD 0 to +1.95 V Input Voltage (1.8V CMOS receivers) VIN -0.6 to VDD + 0.45 V Input Voltage (3.3V LVTTL receivers) VIN -0.6 to OVDD + 0.6 V Input Voltage (5.0V LVTTL receivers) VIN -0.6 to OVDD + 2.4 V Storage Temperature Range TSTG -55 to +150 °C Case temperature under bias TC -40 to +120 °C Notes: 1. All specified voltages are with respect to GND. 2. Empirical data indicates that all chip voltages should begin to ramp-up within 1 ms of each other. There should never be voltage present at the I/O pins before OVDD is within operating range. Package Thermal Specifications The PPC405GPr is designed to operate within a case temperature range of -40°C to +85°C3. Thermal resistance values for the E-PBGA packages (leaded and lead-free) in a convection environment are as follows: Package—Thermal Resistance Symbol Airflow ft/min (m/sec) Unit 0 (0) 100 (0.51) 200 (1.02) 35mm, 456-balls—Junction-to-Case θ JC 222 °C/W 35mm, 456-balls—Case-to-Ambient1 θ CA 14 13 12 °C/W 27mm, 456-balls—Junction-to-Case θ JC 222 °C/W 27mm, 456-balls—Case-to-Ambient1 θ CA 18 16 15 °C/W Notes: 1. For a chip mounted on a JEDEC 2S2P card without a heat sink. 2. For a chip mounted on a card with at least one signal and two power planes, the following relationships exist: a. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board. b. TA = TC – P×θCA, where TA is ambient temperature and P is power consumption. c. TCMax = TJMax – P×θJC, where TJMax is maximum junction temperature and P is power consumption. 3. 333MHz operated at 266MHz or less can operate at +105°C. |