| 전자부품 데이터시트 검색엔진 |
|
PPC405GP-3EE266C 데이터시트(PDF) 11 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GP-3EE266C 데이터시트(HTML) 11 Page - Applied Micro Circuits Corporation |
|
11 / 59 page ![]() 405GP – Power PC 405GP Embedded Processor AMCC 11 Revision 2.03 – September 7, 2007 Data Sheet • Peripheral Device pacing with external “Ready” • External master interface - Write posting from external master - Read prefetching on PLB for external master reads - Bursting capable from external master - Allows external master access to all non-EBC PLB slaves - External master can control EBC slaves for own access and control DMA Controller • Supports the following transfers: - Memory-to-memory transfers - Buffered peripheral to memory transfers - Buffered memory to peripheral transfers • Four channels • Scatter/gather capability for programming multiple DMA operations • 8-, 16-, 32-bit peripheral support (OPB and external) • 32-bit addressing • Address increment or decrement • Internal 32-byte data buffering capability • Supports internal and external peripherals • Support for memory mapped peripherals • Support for peripherals running on slower frequency buses Serial Interface • One 8-pin UART and one 4-pin UART interface provided • Selectable internal or external serial clock to allow a wide range of baud rates • Register compatibility with NS16550 register set • Complete status reporting capability • Transmitter and receiver are each buffered with 16-byte FIFOs when in FIFO mode • Fully programmable serial-interface characteristics • Supports DMA using internal DMA engine |