전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC440GX-3CF667C 데이터시트(PDF) 73 Page - Applied Micro Circuits Corporation

부품명 PPC440GX-3CF667C
상세설명  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3CF667C 데이터시트(HTML) 73 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3CF667C Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440GX-3CF667C Datasheet HTML 77Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
73
Revision 1.15 – August 30, 2007
Data Sheet
Ethernet RGMII Interface
GMC0RxClk
na
na
na
na
na
na
1,
async
GMC0RxCtl
1
1
na
na
na
na
GMC0RxClk
4, 5
GMC0RxD0:3
1
1
na
na
5.1
6.8
GMC0RxClk
4, 5
GMC0TxClk
na
na
na
na
5.1
6.8
1,
async
GMC0TxCtl
na
na
0.5
3.5
5.1
6.8
GMC0TxClk
4, 5
GMC0TxD0:3
na
na
0.5
3.5
5.1
6.8
GMC0TxClk
4, 5
GMC1RxClk
na
na
na
na
na
na
1,
async
GMC1RxCtl
1
1
na
na
na
na
GMC1RxClk
4, 5
GMC1RxD0:3
1
1
na
na
5.1
6.8
GMC1RxClk
4, 5
GMC1TxClk
na
na
na
na
5.1
6.8
1,
async
GMC1TxCtl
na
na
0.5
3.5
5.1
6.8
GMC1TxClk
4, 5
GMC1TxD0:3
na
na
0.5
3.5
5.1
6.8
GMC1TxClk
4, 5
GMCRefClk
na
na
na
na
na
na
async
Ethernet TBI Interface
TBIRxClk0
na
na
na
na
na
na
1,
async
TBIRxClk1
na
na
na
na
na
na
1,
async
TBIRxD0:9
2.5
1.5
na
na
5.1
6.8
TBIRxClkx
TBITxClk
na
na
na
na
na
na
1,
async
TBITxD0:9
na
na
6
1
5.1
6.8
TBITxClk
I/O Specifications—All Speeds (Sheet 4 of 7)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133MHz. PCI-X input setup time requirement is 1.2ns for 133MHz and
1.7ns for 66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66MHz. PCI output hold time
requirement is 1ns for 66MHz and 2ns for 33MHz.
3. The clock frequency for RMII operation is 50MHz ± 100ppm.
4. The clock frequency for SMII operation is 125MHz ± 100ppm.
5. These are DDR signals that can change on both the positive and negative clock transitions.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com