전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC440GX-3RF667CZ 데이터시트(PDF) 49 Page - Applied Micro Circuits Corporation

부품명 PPC440GX-3RF667CZ
상세설명  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF667CZ 데이터시트(HTML) 49 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF667CZ Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440GX-3RF667CZ Datasheet HTML 53Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
49
Revision 1.15 – August 30, 2007
Data Sheet
Strapping Pins
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only
during reset and are used for other functions during normal operation (see “Strapping” on page 89). Note that
these are not multiplexed pins since the function of the pins is not programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93