전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3USB30RSWR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3USB30RSWR
상세설명  HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3USB30RSWR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TS3USB30RSWR Datasheet HTML 3Page - Texas Instruments TS3USB30RSWR Datasheet HTML 4Page - Texas Instruments TS3USB30RSWR Datasheet HTML 5Page - Texas Instruments TS3USB30RSWR Datasheet HTML 6Page - Texas Instruments TS3USB30RSWR Datasheet HTML 7Page - Texas Instruments TS3USB30RSWR Datasheet HTML 8Page - Texas Instruments TS3USB30RSWR Datasheet HTML 9Page - Texas Instruments TS3USB30RSWR Datasheet HTML 10Page - Texas Instruments TS3USB30RSWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
CL(2)
RL
VIN
VCC
GND
1D or 2D VOUT1
1D or 2D
D
VCC
VIN
50 Ω
RL
CL
5 pF
tON
TEST
VCC
50 Ω
5 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VSEL or VOE)
1.8 V
Switch
Output
(VOUT1 or VOUT2)
0
CL(2)
RL
(1) All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50Ω, tr < 5 ns, tf < 5 ns.
(2) C
L includes probe and jig capacitance.
VOH
VOL
OE
VOUT2
VOE(1)
VSEL(1)
S
1D
2D
D
VOUT1
VIN
Channel OFF: 1D to D
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-W load)
DC Bias = 350 mV
50 W
VCC
GND
50 W
50 W
Network Analyzer
Source
Signal
VSEL
+
VSEL = VCC
S
TS3USB30
HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH
WITH SINGLE ENABLE
SCDS237 – JUNE 2007
Figure 6. Turn-On (tON) and Turn-Off Time (tOFF)
Figure 7. OFF Isolation (OISO)
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com