| 전자부품 데이터시트 검색엔진 |
|
CAT310 데이터시트(PDF) 10 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT310 데이터시트(HTML) 10 Page - Catalyst Semiconductor |
|
10 / 11 page ![]() CAT310 © Catalyst Semiconductor, Inc. 10 Doc No. 25087, Rev. 1 Characteristics subject to change without notice EXAMPLE OF ORDERING INFORMATION Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard lead finish is Matte-Tin. (3) The device used in the above example is a CAT310W–T1 (SOIC, Tape & Reel). Optional Company ID Package W: SOIC Prefix Device # Suffix CAT 310 W – T1 Product Number Tape & Reel T: Tape & Reel 1: 1000/Reel |