| 전자부품 데이터시트 검색엔진 |
|
DM74LS05M 데이터시트(PDF) 1 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
DM74LS05M 데이터시트(HTML) 1 Page - SYC Electronica |
|
1 / 5 page ![]() 74LS05 Hex Inverters with Open-Collector Outputs General Description This device contains six independent gates each of which performs the logic INVERT function. The open-collector outputs require external pull-up resistors for proper logical operation. Pull-Up Resistor Equations Where: N1 (IOH) = total maximum output high current for all outputs tied to pull-up resistor N2 (IIH) = total maximum input high current for all inputs tied to pull-up resistor N3 (IIL) = total maximum input low current for all inputs tied to pull-up resistor Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = A H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74LS05M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS05SJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74LS05N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Input Output AY LH HL www.sycelectronica.com.ar |
유사한 부품 번호 - DM74LS05M |
|
유사한 설명 - DM74LS05M |