전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM263P4 데이터시트(PDF) 18 Page - Texas Instruments

부품명 AM263P4
상세설명  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 데이터시트(HTML) 18 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 14Page - Texas Instruments AM263P4 Datasheet HTML 15Page - Texas Instruments AM263P4 Datasheet HTML 16Page - Texas Instruments AM263P4 Datasheet HTML 17Page - Texas Instruments AM263P4 Datasheet HTML 18Page - Texas Instruments AM263P4 Datasheet HTML 19Page - Texas Instruments AM263P4 Datasheet HTML 20Page - Texas Instruments AM263P4 Datasheet HTML 21Page - Texas Instruments AM263P4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 164 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
C1
C1
C1
EPWM2_B
EPWM2_B_CFG_REG
0x5310 00C0
0x0000 05F7
EPWM2_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO48
7
IO
EPWM2_B
10
O
E2
E2
E2
EPWM3_A
EPWM3_A_CFG_REG
0x5310 00C4
0x0000 05F7
EPWM3_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO49
7
IO
EPWM3_A
10
O
E3
E3
E3
EPWM3_B
EPWM3_B_CFG_REG
0x5310 00C8
0x0000 05F7
EPWM3_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO50
7
IO
EPWM6_A
10
O
D1
D1
D1
EPWM4_A
EPWM4_A_CFG_REG
0x5310 00CC
0x0000 05F7
EPWM4_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
GPIO51
7
IO
EPWM4_A
10
O
E4
E4
E4
EPWM4_B
EPWM4_B_CFG_REG
0x5310 00D0
0x0000 05F7
EPWM4_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
FSITX1_CLK
6
O
GPIO52
7
IO
EPWM1_B
10
O
F2
F2
F2
EPWM5_A
EPWM5_A_CFG_REG
0x5310 00D4
0x0000 05F7
EPWM5_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI5_CS0
3
IO
FSITX1_DATA0
6
O
GPIO53
7
IO
EPWM5_A
10
O
G2
G2
G2
EPWM5_B
EPWM5_B_CFG_REG
0x5310 00D8
0x0000 05F7
EPWM5_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI5_CLK
3
IO
FSITX1_DATA1
6
O
GPIO54
7
IO
EPWM8_B
10
O
E1
E1
E1
EPWM6_A
EPWM6_A_CFG_REG
0x5310 00DC
0x0000 05F7
EPWM6_A
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI5_D0
3
IO
FSIRX1_CLK
6
I
GPIO55
7
IO
EPWM3_B
10
O
F3
F3
F3
EPWM6_B
EPWM6_B_CFG_REG
0x5310 00E0
0x0000 05F7
EPWM6_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI5_D1
3
IO
FSIRX1_DATA0
6
I
GPIO56
7
IO
EPWM6_B
10
O
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More