전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58PR256LE 데이터시트(PDF) 87 Page - STMicroelectronics

부품명 M58PR256LE
상세설명  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE 데이터시트(HTML) 87 Page - STMicroelectronics

Back Button M58PR256LE Datasheet HTML 83Page - STMicroelectronics M58PR256LE Datasheet HTML 84Page - STMicroelectronics M58PR256LE Datasheet HTML 85Page - STMicroelectronics M58PR256LE Datasheet HTML 86Page - STMicroelectronics M58PR256LE Datasheet HTML 87Page - STMicroelectronics M58PR256LE Datasheet HTML 88Page - STMicroelectronics M58PR256LE Datasheet HTML 89Page - STMicroelectronics M58PR256LE Datasheet HTML 90Page - STMicroelectronics M58PR256LE Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Block address tables
87/119
Table 36.
M58PR256LE - bank base addresses
Bank number
Block numbers
Bank base address
0
0 - 15
000000
1
16 - 31
200000
2
32 - 47
400000
3
48 - 63
600000
4
64 - 79
800000
5
80 - 95
A00000
6
96 - 111
C00000
7
112 - 127
E00000
Table 37.
M58PR512LE - bank base addresses
Bank number
Block numbers
Bank base address
0
0 - 31
0000000
1
32 - 63
0400000
2
64 - 95
0800000
3
96 - 127
0C00000
4
128 - 159
1000000
5
160 - 191
1400000
6
192 - 223
1800000
7
224 - 255
1C00000
Table 38.
M58PR001LE - bank base addresses
Bank number
Block numbers
Bank base address
00 - 63
0
1
64 - 127
800000
2
128 - 191
1000000
3
192 - 255
1800000
4
256 - 319
2000000
5
320 - 383
2800000
6
384 - 447
3000000
7
448 - 511
3800000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More