| 전자부품 데이터시트 검색엔진 |
|
SC1404 데이터시트(PDF) 21 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1404 데이터시트(HTML) 21 Page - Semtech Corporation |
|
21 / 25 page ![]() 21 2004 Semtech Corp. www.semtech.com SC1404 POWER MANAGEMENT Evaluation Board Bill of Materials M E T IY T QN O I T A N G I S E DR E B M U N T R A PN O I T P I R C S E DR E R U T C A F U N A MM R O F R O T C A F 14 6 C , 5 C , 2 C , 1 C5 2 0 Z 6 0 1 V 5 Y 0 3 2 M R GV 5 2 , F u 0 1a t a r u M0 1 2 1 21 6 1 C , 5 1 C , 4 C , 3 C, V 0 5 , F u 2 2 . 0 V 5 Y c i n o s a n a P5 0 8 39 CV 5 3 , F u 7 . 4e s a c _ B 4- 3 C , 4 3 C , 3 3 C , 6 2 C , 2 1 C , 0 1 C 0 4 C , 6 3 C , 5 R 7 X , V 0 5 , F u 1 . 0c i n o s a n a P3 0 6 0 52 2 C , 1 1 CN 0 5 2 M 5 7 4 YV 6 1 , F u 7 . 4p a c a v o N2 1 8 1 63 1 C , 4 1 CK 1 0 1 H 1 C V 1 J C EV 0 5 , F p 0 0 1c i n o s a n a P3 0 6 0 77 1 CR 1 8 1 G 0 E U - F E EV 4 , F u 0 8 1c i n o s a n a P3 4 3 7 _ e s a C _ D 89 1 CR 1 5 1 J 0 E U - F E EV 3 . 6 , F u 0 5 1c i n o s a n a P3 4 3 7 _ e s a C _ D 95 2 C5 0 1 C 1 B F 3 J C EV 6 1 , F u 1c i n o s a n a P6 0 2 1 0 17 2 C , 7 3 CK 4 0 1 C 1 B V 1 J C EV 0 5 , F u 1 0 . 0c i n o s a n a P3 0 6 0 1 18 3 C , 9 3 CF u 13 0 6 0 2 12 4 CV 5 2 , F u 7 . 4 3 11 1 DA 4 5 T A B, a m 0 0 2 , V 0 3 e d o n A _ C l a u d x e t e Z3 2 - T O S 4 12 4 D , 2 D5 1 0 Q B 0 3. R .IC M S 5 12 5 D , 3 D3 T 0 4 1 S R B MA 1 , V 0 4 y k t t o h c S a l o r o t o MB M S 6 11 6 D3 T 0 0 1 1 S R B Ma l o r o t o MB M S |