| 전자부품 데이터시트 검색엔진 |
|
HT46R46E 데이터시트(PDF) 31 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R46E 데이터시트(HTML) 31 Page - Holtek Semiconductor Inc |
|
31 / 73 page ![]() HT46R46E/C46E/R47E/C47E/R48AE/C48AE/R49E Rev. 1.20 31 August 15, 2007 PWM Programming Example The following sample program shows how the PWM outputs are setup and controlled. Before use the corresponding PWM output configuration options must first be selected. mov a,64h ; setup PWM value of 100 decimal which is 64H mov pwm,a clr pdc.0 ; setup pin PD0 as an output set pd.0 ; PD.0=1; enable the PWM output :: :: clr pd.0 ; disable the PWM output - PD0 will remain low f S Y S / 2 P W M [ P W M ] = 1 0 0 [ P W M ] = 1 0 1 P W M [ P W M ] = 1 0 2 P W M [ P W M ] = 1 0 3 P W M P W M c y c l e : 2 5 6 / f S Y S 2 5 / 6 4 2 6 / 6 4 2 6 / 6 4 2 6 / 6 4 2 5 / 6 4 2 5 / 6 4 2 5 / 6 4 2 5 / 6 4 2 5 / 6 4 2 5 / 6 4 2 5 / 6 4 2 6 / 6 4 2 6 / 6 4 2 5 / 6 4 2 5 / 6 4 2 6 / 6 4 2 5 / 6 4 2 6 / 6 4 2 6 / 6 4 2 6 / 6 4 M o d u l a t i o n c y c l e 0 P W M m o d u l a t i o n p e r i o d : 6 4 / f S Y S M o d u l a t i o n c y c l e 1 M o d u l a t i o n c y c l e 2 M o d u l a t i o n c y c l e 3 M o d u l a t i o n c y c l e 0 6+2 PWM Mode P W M , P W M 0 , P W M 1 R e g i s t e r b 7 b 0 A C v a l u e D C v a l u e Pulse Width Modulation Registers |