전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT46R321 데이터시트(PDF) 12 Page - Holtek Semiconductor Inc

부품명 HT46R321
상세설명  A/D Type 8-Bit OTP MCU with OPA and 8x4 LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R321 데이터시트(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT46R321 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R321 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
HT46R321
Rev. 1.00
12
August 3, 2007
The WDT oscillator is a free running on-chip RC oscilla-
tor, and requires no external components. Even if the
system enters the power down mode, the system clock
is stopped, but the WDT oscillator keeps running with a
period of approximately 65
ms at 5V. The WDT oscillator
can be disabled by a configuration option to conserve
power.
Watchdog Timer
- WDT
The WDT clock source comes from either its own inte-
grated RC oscillator, known as the WDT oscillator, or the
instruction clock, which is the system clock divided by 4.
The choice of which one is used is decided by a
configuration option. This timer is designed to prevent a
software malfunction or sequence from jumping to an
unknown location with unpredictable results. The
Watchdog Timer can be disabled by a configuration op-
tion. If the Watchdog Timer is disabled, all the execu-
tions related to the WDT result in no operation.
Once the internal WDT oscillator (RC oscillator with a
period of 65
ms at 5V nominal) is selected, it is divided by
32768~65536 to get a time-out period of approximately
2.1s~4.3s. This time-out period may vary with tempera-
tures, VDD and process variations. If the WDT oscillator
is disabled, the WDT clock may still come from the in-
struction clock and operate in the same manner except
that in the Power-down state the WDT may stop count-
ing and lose its protecting purpose. In this situation the
logic can only be restarted by external logic.
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT instruction will stop the system
clock.
The WDT overflow under normal operation will initialise
a
²chip reset² and set the status bit ²TO². But in the
Power-down mode, the overflow will initialisze a
²warm
reset
², and only the program counter and SP are reset to
zero. To clear the contents of the WDT, three methods
are adopted; external reset (a low level on the RES pin),
a software instruction and a HALT instruction. The soft-
ware instruction include
²CLR WDT² and the other set -
²CLR WDT1² and ²CLR WDT2². Of these two types of
instruction, only one can be active depending on the
configuration option
-²CLR WDT times selection op -
tion
².Ifthe ²CLR WDT² is selected (i.e. CLR WDT times
equal one), any execution of the
²CLR WDT² instruction
will clear the WDT. In the case that
²CLR WDT1² and
²CLR WDT2² are chosen (i.e. CLR WDT times equal
two), these two instructions must be executed to clear
the WDT; otherwise, the WDT may reset the chip as a
result of time-out.
Power Down Operation
- HALT
The HALT mode is initialised by the
²HALT² instruction
and results in the following...
· The system oscillator will be turned off but the WDT
oscillator keeps running (if the WDT oscillator is se-
lected).
· The contents of the on chip Data Memory and regis-
ters remain unchanged.
· WDT will be cleared and start counting again (if the
WDT clock is from the WDT oscillator).
· All of the I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialisation and the WDT overflow per-
forms a
²warm reset². After the TO and PDF flags are
examined, the reason for the chip reset can be deter-
mined. The PDF flag is cleared by a system power-up or
executing the
²CLR WDT² instruction and is set when
executing the
²HALT² instruction. The TO flag is set if
the WDT time-out occurs, and causes a wake-up that
only resets the program counter and Stack Pointer; the
others keep their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake up the
device by the options. Awakening from an I/O port stim-
ulus, the program will resume execution of the next in-
struction. If it is awakening from an interrupt, two
sequences may happen. If the related interrupt is dis-
abled or the interrupt is enabled but the stack is full, the
program will resume execution at the next instruction. If
the interrupt is enabled and the stack is not full, the regu-
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
7 - b i t C o u n t e r
T
C L R W D T
O p t i o n
S e l e c t
W D T
O S C
T
W D T T i m e - o u t
f S / 2 ~ f S / 2
1 5
1 6
f S
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com