전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL061C/AC/BC 데이터시트(PDF) 8 Page - SYC Electronica

부품명 TL061C/AC/BC
상세설명  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYC [SYC Electronica]
홈페이지  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TL061C/AC/BC 데이터시트(HTML) 8 Page - SYC Electronica

  TL061C/AC/BC Datasheet HTML 1Page - SYC Electronica TL061C/AC/BC Datasheet HTML 2Page - SYC Electronica TL061C/AC/BC Datasheet HTML 3Page - SYC Electronica TL061C/AC/BC Datasheet HTML 4Page - SYC Electronica TL061C/AC/BC Datasheet HTML 5Page - SYC Electronica TL061C/AC/BC Datasheet HTML 6Page - SYC Electronica TL061C/AC/BC Datasheet HTML 7Page - SYC Electronica TL061C/AC/BC Datasheet HTML 8Page - SYC Electronica TL061C/AC/BC Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TL061 - TL061A - TL061B
8/9
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.32
0.131
a1
0.51
0.020
B
1.15
1.65
0.045
0.065
b
0.356
0.55
0.014
0.022
b1
0.204
0.304
0.008
0.012
D
10.92
0.430
E
7.95
9.75
0.313
0.384
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
6.6
0260
i
5.08
0.200
L
3.18
3.81
0.125
0.150
Z
1.52
0.060



Html Pages

1 2 3 4 5 6 7 8 9