전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC1548CSKTRT 데이터시트(PDF) 11 Page - Semtech Corporation

부품명 SC1548CSKTRT
상세설명  Linear FET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548CSKTRT 데이터시트(HTML) 11 Page - Semtech Corporation

Back Button SC1548CSKTRT Datasheet HTML 6Page - Semtech Corporation SC1548CSKTRT Datasheet HTML 7Page - Semtech Corporation SC1548CSKTRT Datasheet HTML 8Page - Semtech Corporation SC1548CSKTRT Datasheet HTML 9Page - Semtech Corporation SC1548CSKTRT Datasheet HTML 10Page - Semtech Corporation SC1548CSKTRT Datasheet HTML 11Page - Semtech Corporation SC1548CSKTRT Datasheet HTML 12Page - Semtech Corporation SC1548CSKTRT Datasheet HTML 13Page - Semtech Corporation SC1548CSKTRT Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
 2004 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
Theory Of Operation
The SC1548 linear FET controller provides a simple way
to drive an N-channel MOSFET to produce a tightly
regulated output voltage from an available, higher,
supply voltage. It takes its power from a 12V supply,
drawing typically 2mA while operating.
It contains an internal bandgap reference which is
compared to the output voltage via a resistor divider.
This resistor divider is internal on the fixed output
voltage options, and user selectable on the adjustable
option. Since the drive pin can pull up to a 9V
guaranteed minimum, the device can be used to
regulate a large range of output voltages by careful
selection of the external MOSFET (see component
selection, below).
The SC1548 includes an active high enable control with
an internal pullup resistor. If this pin is pulled low, the
drive pin is pulled low, turning off the N-channel MOSFET.
If the pin is left open or pulled up to 2.5V, 3.3V or 5V,
then the drive pin will be enabled.
Also included is an overcurrent protection circuit that
monitors the output voltage. If the output voltage drops
below 50% of nominal, as would occur during an
overcurrent or short condition, the device will pull the
drive pin low and latch off.
Fixed Output Voltage Options
Please refer to the Application Circuit on Page 1. The
fixed output voltage parts have an internal resistor
divider that draws a nominal 100µA from the output.
The voltage at the common node of the resistor divider
is then compared to the bandgap reference voltage of
1.263V. The drive pin voltage is then adjusted to
maintain the output voltage set by the resistor divider.
Referring to the block diagram on page 5, the nominal
resistor values are:
e
g
a
t
l
o
V
t
u
p
t
u
Ok
(
1
R
Ω
Ω
Ω
Ω
Ω)k
(
2
R
Ω
Ω
Ω
Ω
Ω)
V
5
1
5
.
12
5
.
23
6
.
2
1
V
8
1
8
.
15
5
.
53
6
.
2
1
Typical Characteristics (Cont.)(1)
Output Short Circuit Glitch Immunity
Trace 1: V
DRV, 5V/div.
Trace 2: V
OUT, 1V/div.
Timebase: 1ms/div
SC1548 enabled, then shorted, therefore
V
OUT < VTH(OC) immediately the short is applied. This
device shuts down after 5ms.
Note:
(1) See Applications Circuit on page 1.
Applications Infomation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com