| 전자부품 데이터시트 검색엔진 |
|
SC1189SWTR 데이터시트(PDF) 15 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1189SWTR 데이터시트(HTML) 15 Page - Semtech Corporation |
|
15 / 16 page ![]() 15 2005 Semtech Corp. www.semtech.com POWER MANAGEMENT SC1189 Evaluation Board Bill of Materials m e t I. y t Qe c n e r e f e Re u l a Vs e t o N 12 1 , 1 4 C , 0 4 C , 9 3 C , 3 3 C , 1 3 C , 8 2 C , 0 1 C , 5 C , 4 C , 1 C 6 4 C , 2 4 C F u 1 . 0 22 1 , 1 2 C , 0 2 C , 9 1 C , 8 1 C , 9 C , 8 C , 7 C , 6 C , 3 C , 2 C 3 2 C , 2 2 C F u 0 0 5 1 r o X G - V M o y n a S R S E w o L t n e l a v i u q e 34 1 , 4 3 C , 2 3 C , 0 3 C , 7 1 C , 6 1 C , 5 1 C , 4 1 C , 2 1 C , 1 1 C 4 4 C , 8 3 C , 7 3 C , 6 3 C , 5 3 C F u 0 3 3 41 6 2 CF u 7 4 61 9 2 CF u 0 1 71 3 4 CF n 2 2 81 5 4 CF u 1 92 2 D , 1 D8 4 1 4 N 1 0 11 2 JB / M X T A2 0 2 9 - 9 2 - 9 3 X E L O M 61 1 LH u 2 . 11 S - C C P c i n o s a n a P 72 2 Q , 1 QS 3 0 1 3 R L R I 82 4 Q , 3 Q3 0 2 2 L R I 92 6 Q , 5 QN 4 2 0 R L R I 5 23 0 1 Q , 9 Q , 8 QN 0 2 1 R F R I 0 11 1 R0 1 1 12 9 2 R , 2 Rk 0 1 9 22 7 2 R , 4 Rk 0 0 . 1 3 14 0 1 R , 9 R , 7 R , 6 R2 R 2 4 12 9 1 R , 8 Rm h O m 51 R A O C R I 5 12 5 1 R , 1 1 Re l b a T e e S 2 13 4 2 R , 0 2 R , 2 1 Rk 1 6 11 1 2 Rk 8 1 7 11 2 2 R0 9 3 6 31 3 2 R2 4 4 7 32 5 2 R , 6 2 Rk 0 0 1 8 31 8 2 Rk 9 9 . 4 8 11 1 US C 9 8 1 1 C SH C E T M E S 1 41 2 US C 2 1 1 1 C SH C E T M E S |