전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC1112TSTRT 데이터시트(PDF) 7 Page - Semtech Corporation

부품명 SC1112TSTRT
상세설명  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112TSTRT 데이터시트(HTML) 7 Page - Semtech Corporation

Back Button SC1112TSTRT Datasheet HTML 3Page - Semtech Corporation SC1112TSTRT Datasheet HTML 4Page - Semtech Corporation SC1112TSTRT Datasheet HTML 5Page - Semtech Corporation SC1112TSTRT Datasheet HTML 6Page - Semtech Corporation SC1112TSTRT Datasheet HTML 7Page - Semtech Corporation SC1112TSTRT Datasheet HTML 8Page - Semtech Corporation SC1112TSTRT Datasheet HTML 9Page - Semtech Corporation SC1112TSTRT Datasheet HTML 10Page - Semtech Corporation SC1112TSTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Pin Descriptions
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1Y
B
T
S
V
5
.
s
r
e
ll
o
r
t
n
o
c
T
E
F
d
n
a
r
o
t
a
ll
i
c
s
O
,
p
m
u
P
e
g
r
a
h
C
,f
e
R
r
o
f
r
e
w
o
p
s
e
il
p
p
u
s
,t
u
p
n
i
y
b
d
n
a
t
S
V
5
2D
G
R
W
P.t
u
p
t
u
o
T
T
V
r
o
f
g
a
l
F
d
o
o
G
r
e
w
o
P
r
o
t
c
e
ll
o
c
n
e
p
O
3Y
A
L
E
D
T
T
V
f
o
g
a
l
F
d
o
o
G
r
e
w
o
P
e
h
t
r
o
f
y
a
l
e
d
e
h
t
m
a
r
g
o
r
p
ll
i
w
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
ti
c
a
p
a
c
A
.
e
m
it
y
ti
n
u
m
m
i
h
c
ti
l
g
e
h
t
d
n
a
t
u
p
t
u
o
4L
E
S
T
T
V
V
X
2
.
1
=
T
T
V
,
W
O
L
=
L
E
S
T
T
V
:
e
g
a
tl
o
v
t
u
p
t
u
o
T
T
V
e
h
t
s
m
a
r
g
o
r
p
t
a
h
t
l
a
n
g
i
s
L
T
T
V
5
.
1
=
T
T
V
,
H
G
I
H
=
L
E
S
T
T
V
5L
E
S
P
G
A
V
5
.
1
=
P
G
A
,
W
O
L
=
L
E
S
P
G
A
:
e
g
a
tl
o
v
t
u
p
t
u
o
P
G
A
e
h
t
s
m
a
r
g
o
r
p
t
a
h
t
l
a
n
g
i
s
L
T
T
V
3
.
3
=
P
G
A
,
H
G
I
H
=
L
E
S
P
G
A
6E
T
A
G
J
D
A.
P
G
A
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
7N
E
S
J
D
A.
J
D
A
r
o
f
t
u
p
n
i
e
s
n
e
S
8-
P
A
C.r
o
ti
c
a
p
a
c
t
s
o
o
b
o
t
n
o
it
c
e
n
n
o
c
e
v
it
a
g
e
N
9+
P
A
C.r
o
ti
c
a
p
a
c
t
s
o
o
b
o
t
n
o
it
c
e
n
n
o
c
e
v
it
i
s
o
P
0
1C
F
.
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
p
m
u
p
e
g
r
a
h
c
l
a
n
r
e
t
n
i
e
h
t
r
o
f
r
o
ti
c
a
p
a
c
r
e
tl
i
F
1
1N
E
S
P
G
A.
P
G
A
r
o
f
t
u
p
n
i
e
s
n
e
S
2
1E
T
A
G
P
G
A.
P
G
A
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
3
1N
E
S
T
T
V.
T
T
V
r
o
f
t
u
p
n
i
e
s
n
e
S
4
1E
T
A
G
T
T
V.
T
T
V
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
5
1N
I
T
T
V.
n
i
V
3
.
3
e
h
t
o
t
d
e
t
c
e
n
n
o
c
e
n
il
e
s
n
e
s
ti
u
c
r
i
c
t
r
o
h
S
6
1D
N
G.
d
n
u
o
r
G
NOTE: (1) All logic level inputs and outputs are open collector TTL compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com