| 전자부품 데이터시트 검색엔진 |
|
REF5050IDGK 데이터시트(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5050IDGK 데이터시트(HTML) 34 Page - Texas Instruments |
|
34 / 49 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-Dec-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples REF5025AID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5025 A Samples REF5025AIDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green Call TI | NIPDAU Level-2-260C-1 YEAR -40 to 125 R50B Samples REF5025AIDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green Call TI | NIPDAU Level-2-260C-1 YEAR -40 to 125 R50B Samples REF5025AIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5025 A Samples REF5025EIDR ACTIVE SOIC D 8 3000 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 R5025E Samples REF5025ID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5025 Samples REF5025IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50B Samples REF5025IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50B Samples REF5025IDR ACTIVE SOIC D 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5025 Samples REF5030AID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5030 A Samples REF5030AIDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green Call TI | NIPDAU Level-2-260C-1 YEAR -40 to 125 R50C Samples REF5030AIDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50C Samples REF5030AIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5030 A Samples REF5030ID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5030 Samples REF5030IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50C Samples REF5030IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50C Samples REF5030IDR ACTIVE SOIC D 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5030 Samples Addendum-Page 2 |