전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XIO2000A 데이터시트(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
부품명 XIO2000A
상세설명  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A 데이터시트(HTML) 16 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 12Page - Texas Instruments XIO2000A Datasheet HTML 13Page - Texas Instruments XIO2000A Datasheet HTML 14Page - Texas Instruments XIO2000A Datasheet HTML 15Page - Texas Instruments XIO2000A Datasheet HTML 16Page - Texas Instruments XIO2000A Datasheet HTML 17Page - Texas Instruments XIO2000A Datasheet HTML 18Page - Texas Instruments XIO2000A Datasheet HTML 19Page - Texas Instruments XIO2000A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 155 page
background image
Introduction
6
April 2007
SCPS155B
Table 2−1. XIO2000A GZZ/ZZZ Terminals Sorted Alphanumerically
BGA BALL #
SIGNAL NAME
BGA BALL #
SIGNAL NAME
BGA BALL #
SIGNAL NAME
A02
AD11
C17
REFCLK+
H10
VSS
A03
AD9
D01
C/BE[1]
H11
VSS
A04
VCCP
D02
AD15
H14
VDD_15
A05
AD6
D03
VSS
H15
VSSA
A06
AD4
D07
AD3
H16
TXN
A07
AD0
D08
VSS
H17
TXP
A08
GNT0
D09
VDD_15
J01
VCCP
A09
GNT1
D10
VDD_33
J02
AD19
A10
GNT2
D11
VSS
J03
AD18
A11
CLKOUT3
D15
VDDA_33
J04
VDD_15
A12
CLKOUT4
D16
RSVD
J07
VSS
A13
CLKOUT5
D17
RSVD
J08
VSS
A14
GNT5
E01
SERR
J09
VSS
A15
EXT_ARB_EN
E02
PAR
J10
VSS
A16
REFCLK_SEL
E03
VDD_33
J11
VSS
B01
AD12
E15
VSSA
J14
VDDA_15
B03
AD10
E16
RXN
J15
VDDA_15
B04
C/BE[0]
E17
RXP
J16
VSSA
B05
AD7
F01
DEVSEL
J17
PERST
B06
AD5
F02
STOP
K01
AD20
B07
AD1
F03
PERR
K02
AD21
B08
REQ0
F15
VSSA
K03
AD22
B09
CLKOUT1
F16
VSSA
K04
VSS
B10
CLKOUT2
F17
VDDA_15
K07
VSS
B11
REQ3
G01
FRAME
K08
VSS
B12
REQ4
G02
IRDY
K09
VSS
B13
REQ5
G03
TRDY
K10
VSS
B14
CLKOUT6
G04
VSS
K11
VSS
B15
CLKRUN_EN
G07
VSS
K14
VDD_33_AUX
B17
VSSA
G08
VSS
K15
VDDA_33
C01
AD14
G09
VSS
K16
VDD_33_COMB
C02
AD13
G10
VSS
K17
VSS
C04
AD8
G11
VSS
L01
AD23
C05
VSS
G14
VSSA
L02
C/BE[3]
C06
VDD_33
G15
VDDA_15
L03
AD24
C07
AD2
G16
VSSA
L04
AD25
C08
CLKOUT0
G17
VSS
L07
VSS
C09
REQ1
H01
C/BE[2]
L08
VSS
C10
REQ2
H02
AD17
L09
VSS
C11
GNT3
H03
AD16
L10
VSS
C12
GNT4
H04
VDD_33
L11
VSS
C13
VDD_33
H07
VSS
L14
VDD_33_COMBIO
C14
VSS
H08
VSS
L15
VSSA
C16
REFCLK−
H09
VSS
L16
REF0_PCIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More