| 전자부품 데이터시트 검색엔진 |
|
AMS236 데이터시트(PDF) 2 Page - Advanced Monolithic Systems |
|
|
|||||||||||||||||||||||||||||
AMS236 데이터시트(HTML) 2 Page - Advanced Monolithic Systems |
|
2 / 4 page ![]() Advanced Monolithic Systems, Inc. www.advanced-monolithic.com Phone (925) 443-0722 Fax (925) 443-0723 AMS236/AMS336 ABSOLUTE MAXIMUM RATINGS (Note 1) Reverse Current 15mA Storage temperature -55 °C to +150°C Forward Current 10mA Soldering information (25 sec) 265 °C Operating Temperature Range AMS236 -25 °C to +85°C AMS336 0 °C to +70°C ELECTRICAL CHARACTERISTICS Electrical Characteristics at IR = 1 mA, and TA = +25°C unless otherwise specified. Parameter Conditions AMS236A Min Typ Max AMS236B Min Typ Max Units Reverse Breakdown Voltage 2.475 2.500 2.525 2.450 2.500 2.550 V Reverse Dynamic Impedance f = 100Hz 0.2 0.4 0.6 1 0.2 0.4 0.6 1 Ω Reverse Breakdown Voltage Change with current 400 µA ≤I R ≤10mA 2.6 3 6 10 2.6 3 6 10 mV Temperature Stability -25 °C ≤ T A ≤ +85°C 3.5 9 3.5 9 mV Long Term Stability (Note 4) TA=25°C±0.1°C T = 1000 Hr 20 20 ppm ELECTRICAL CHARACTERISTICS Electrical Characteristics at IR = 1 mA, and TA = +25°C unless otherwise specified. Parameter Conditions AMS336A Min Typ Max AMS336B Min Typ Max Units Reverse Breakdown Voltage 2.450 2.500 2.550 2.400 2.500 2.600 V Reverse Dynamic Impedance f = 100Hz 0.2 0.4 1.0 1.4 0.2 0.4 1.0 1.4 Ω Reverse Breakdown Voltage Change with current 400 µA ≤I R ≤10mA 2.6 3 10 12 2.6 3 10 12 mV Temperature Stability 0 °C ≤ T A ≤ 70°C 1.8 6 1.8 6 mV Long Term Stability (Note 4) TA=25°C±0.1°C T = 1000 Hr 20 20 ppm Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics . The guaranteed specifications apply only for the test conditions listed. Note 2: For elevated temperature operation, Tj max is: AMS236 +125°C AMS336 +100°C Thermal Resistance TO-92 SO-8 ϕ JA (junction to ambient) 170°C/W (0.125” leads) 165°C/W Note 3: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C. Note 4: Temperature stability for the AMS236/336 family is guaranteed by design. Design limits are guaranteed (but not 100% production tested) over the specified temperature and supply voltage ranges. These limits are not used to calculate outgoing quality levels. The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating TMAX and TMIN, divided by TMAX - TMIN. |