| 전자부품 데이터시트 검색엔진 |
|
DM74LS20M 데이터시트(PDF) 1 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
DM74LS20M 데이터시트(HTML) 1 Page - SYC Electronica |
|
1 / 4 page ![]() 74LS20 Dual 4-Input NAND Gate General Description This device contains two independent gates each of which performs the logic NAND function. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = ABCD H = HIGH Logic Level L = LOW Logic Level X = Either LOW or HIGH Logic Level Order Number Package Number Package Description DM74LS20M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS20N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output AB CD Y XXX L H XX L X H XL X X H L XXX H HH HH L www.sycelectronica.com.ar |
유사한 부품 번호 - DM74LS20M |
|
유사한 설명 - DM74LS20M |