| 전자부품 데이터시트 검색엔진 |
|
SC2647TSTRT 데이터시트(PDF) 11 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC2647TSTRT 데이터시트(HTML) 11 Page - Semtech Corporation |
|
11 / 11 page ![]() 11 © 2006 Semtech Corp. www.semtech.com POWER MANAGEMENT SC2647 Contact Information Semtech Corporation Power Management Products Division 200 Flynn Rd., Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804 Outline Drawing - TSSOP-24 Land Pattern - TSSOP-24 L (L 1 ) c 01 GA GE PL AN E SE E D E T A IL DE T A IL A A 0.2 5 .0 2 6 B S C .2 5 2 B S C 24 .0 0 4 .169 .303 .1 7 3 .3 0 7 .007 - 24 0.1 0 0.65 B S C 6.40 B S C 4.4 0 7.8 0 - .1 7 7 .3 1 1 4.3 0 7.7 0 .0 12 0 .19 4.50 7.90 0.30 bxN 2X N /2 T IP S S EAT IN G aa a C E/2 INDICA T O R PIN 1 2X 1 3 2 N R E FE R E N C E JE D E C S T D M O -153, V A R IA T IO N A D . 4. INCHE S b N ccc aa a bb b 01 E1 E L L1 e D c A2 A1 DIM A MIN M A X M ILLIM E T E R S MIN D IM E NS IO NS NO M M A X N O M E A A2 A1 E1 bb b C A-B D ccc C DIM E N S IO NS "E 1 " AND "D " DO NOT INCL UDE M O L D F L A S H , P R O T RUS IO NS 3. OR G A T E B URR S. D A T U M S A N D T O B E D E T E R M IN E D A T D A T U M P L A N E CONT ROL L ING DIM E NSIO NS A R E IN M IL L IM E T E R S (A NGL E S IN DE GRE E S ). -B - N O T ES: 1. 2. -A - -H - SID E VIEW (.03 9) .0 0 4 .0 0 8 - .0 2 4 - - - - 0 .018 .003 .031 .002 - 8 0 0.2 0 0.1 0 - 8 0.4 5 0.0 9 0.8 0 0.0 5 .0 3 0 .0 0 7 .0 4 7 .0 4 2 .0 0 6 - (1 .0 ) 0.6 0 - 0.75 0.20 - - - 1.20 1.05 0.15 A B C D e e/2 H PL A N E D T H IS L A ND P A T T E R N IS F O R R E F E R E NCE P U R P O S E S O N L Y . CO NS UL T Y O UR M A N U F A CT U R IN G G R O U P T O E N S U RE Y O UR C O M P A N Y'S M A N U F AC T U R IN G G U ID EL IN E S AR E M E T . NO T E S : 1. (.2 22) (5 .65) Z G Y P (C ) 4.1 0 .1 6 1 0.6 5 .0 2 6 0.4 0 .0 1 6 1.5 5 .0 6 1 7.2 0 .2 8 3 X INCH E S DIM E N S IO NS Z P Y X DIM C G MIL L IME T E R S |