전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT48RA3 데이터시트(PDF) 3 Page - Holtek Semiconductor Inc

부품명 HT48RA3
상세설명  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA3 데이터시트(HTML) 3 Page - Holtek Semiconductor Inc

  HT48RA3_07 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA3_07 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA3_07 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA3_07 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA3_07 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA3_07 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA3_07 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA3_07 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA3_07 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Pin Description
Pin Name
I/O
ROM Code
Option
Description
RES
I
¾
Schmitt trigger reset input, active low.
PA0~PA7
I/O
Wake-up*
Pull-high***
Bidirectional 8-bit input/output port. Each bit can be configured as a
wake-up input by an option. Software instructions determine the
CMOS output or Schmitt trigger input with/without pull-high resistor. The
pull-high resistor of each input/output line is also optional.
PB0/PFD
PB1~PB7
I/O
Pull-high**
PB0 or PFD
Bidirectional 8-bit input/output port. Software instructions determine
the CMOS output or Schmitt trigger input with/without pull-high resis-
tor. The pull-high resistor of each input/output line is also optional. The
output mode of PB0 can be used as an internal PFD signal output and
it can be used as a various frequency carrier signal.
VSS
¾¾
Negative power supply, ground
PC0/TMR0
PC1~PC4
PC5/TMR1
I/O
Pull-high*
Bidirectional 6-bit input/output port. Software instructions determine
the CMOS output or Schmitt trigger input with/without pull-high resis-
tor. The pull-high resistor of each input/output line is also optional. PC0
and PC5 are pin shared with TMR0 and TMR1 function pins.
PF0/INT
I/O
Pull-high*
Bidirectional 1-bit input/output port. Software instructions determine
the CMOS output or Schmitt trigger input with/without pull-high resis-
tor. The pull-high resistor of this input/output line is also optional. PF0
is pin shared with the INT function pin.
VDD
¾¾
Positive power supply
OSC1
OSC2
I
O
Crystal
or RC
OSC1, OSC2 are connected to an RC network or Crystal (determined
by hardware option) for the internal system clock. In the case of RC op-
eration, OSC2 is the output terminal for 1/4 system clock.
Note:
²*² Bit option
²**² Nibble option
²***² Byte option
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total ............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT48RA3/HT48CA3
Rev. 1.30
3
October 12, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com