| 전자부품 데이터시트 검색엔진 |
|
HT48RA3 데이터시트(PDF) 34 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48RA3 데이터시트(HTML) 34 Page - Holtek Semiconductor Inc |
|
34 / 38 page ![]() Package Information 28-pin SOP (300mil) Outline Dimensions Symbol Dimensions in mil Min. Nom. Max. A 394 ¾ 419 B 290 ¾ 300 C14 ¾ 20 C ¢ 697 ¾ 713 D92 ¾ 104 E ¾ 50 ¾ F4 ¾¾ G32 ¾ 38 H4 ¾ 12 a 0 °¾ 10 ° HT48RA3/HT48CA3 Rev. 1.30 34 October 12, 2007 2 8 1 1 5 1 4 A B C D F C ' G H a E |