| 전자부품 데이터시트 검색엔진 |
|
SC2659SWTR 데이터시트(PDF) 19 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC2659SWTR 데이터시트(HTML) 19 Page - Semtech Corporation |
|
19 / 20 page ![]() 19 2003 Semtech Corp. www.semtech.com POWER MANAGEMENT SC2659 Materials List y t i t n a u Qe c n e r e f e Rn o i t p i r c s e D / t r a Pr o d n e V 35 C , 2 C , 1 CF µ 1 0 0 . 0n e d u Y - o y i a T , a t a r u M , K D T 60 1 C , 9 C , 7 C , 6 C , 4 C , 3 CF µ 1 . 0y n a 11 1 CF µ 3 3 0 . 0y n a 12 1 CF µ 2 2y n a 1 19 5 C , 3 2 C - 5 1 C , 3 1 CF µ 1y n a 24 1 C , 8 CF µ 2 . 2y n a 92 3 C - 4 2 CV 6 1 , F µ 0 2 8X A 0 2 8 V M 6 1 : N / P O Y N A S 0 16 4 C - 7 3 Ce l o h u r h t , V 3 . 6 , F µ 0 0 5 1X A 0 0 5 1 V M 3 R 6 : N / P O Y N A S 2 18 5 C - 7 4 CF µ 0 1y n a 46 3 C - 3 3 CF µ 2 2 0 0 .y n a 11 Dy k tt o h c S . L 0 3 1 A R B Mi m e S N O 1)l a n o it p o ( 2 DL 5 1 5 2 B R B Mi m e S N O 11 Ld i o r o T , H u 5 . 0G W A 8 1 , C 6 2 - 1 5 T : N / P s l a t e m o r c i M 12 Ld i o r o T , H u 0 . 1G W A 0 2 X 4 , s t 3 , 0 1 3 7 7 # , s c it e n g a M 22 Q , 1 QT E F S O M , k a P 2 DL A 5 3 0 6 B D F : N / P d li h c r i a F 24 Q , 3 QT E F S O M , k a P 2 DL B 0 3 0 7 B D F : N / P d li h c r i a F 11 Rk 2y n a 42 1 R , 1 1 R , 4 R , 2 Rk 1y n a 13 Rk 3 . 4y n a 16 Rk 0 2y n a 15 R 0 5 1 * y n a 17 R0 0 1y n a 20 1 R , 8 Rk 0 1y n a 19 R0 5 1y n a 21 2 R , 0 2 R1 y n a 23 2 R , 2 2 R6 . 1y n a 47 2 R , 6 2 R , 5 2 R , 4 2 R3 . 3y n a 11 UR T . W S C 9 5 6 2 C S1 1 1 2 - 8 9 4 - 5 0 8 . p r o C h c e t m e S |