전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC1176TSTRT 데이터시트(PDF) 16 Page - Semtech Corporation

부품명 SC1176TSTRT
상세설명  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1176TSTRT 데이터시트(HTML) 16 Page - Semtech Corporation

Back Button SC1176TSTRT Datasheet HTML 12Page - Semtech Corporation SC1176TSTRT Datasheet HTML 13Page - Semtech Corporation SC1176TSTRT Datasheet HTML 14Page - Semtech Corporation SC1176TSTRT Datasheet HTML 15Page - Semtech Corporation SC1176TSTRT Datasheet HTML 16Page - Semtech Corporation SC1176TSTRT Datasheet HTML 17Page - Semtech Corporation SC1176TSTRT Datasheet HTML 18Page - Semtech Corporation SC1176TSTRT Datasheet HTML 19Page - Semtech Corporation SC1176TSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1176/SC1176A
Start-up Power On
Start-up Power On
Start-up Power On
Start-up Power On
Start-up Power On
Chan. 1 = Output Current. 2A/DIV.
Chan. 2 = 5V Bias Voltage
Power Off
Power Off
Power Off
Power Off
Power Off
Chan. 1 = Output Current. 2A/DIV.
Chan. 2 = 5V Bias Voltage
Typical Characteristics - 2 Independent Channels (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com