| 전자부품 데이터시트 검색엔진 |
|
74LS125 데이터시트(PDF) 1 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
74LS125 데이터시트(HTML) 1 Page - SYC Electronica |
|
1 / 5 page ![]() 74LS125 Quad 3-STATE Buffer General Description This device contains four independent gates each of which performs a non-inverting buffer function. The outputs have the 3-STATE feature. When enabled, the outputs exhibit the low impedance characteristics of a standard LS output with additional drive capability to permit the driving of bus lines without external resistors. When disabled, both the output transistors are turned off presenting a high-imped- ance state to the bus line. Thus the output will act neither as a significant load nor as a driver. To minimize the possi- bility that two outputs will attempt to take a common bus to opposite logic levels, the disable time is shorter than the enable time of the outputs. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = A H = HIGH Logic Level L = LOW Logic Level X = Either LOW or HIGH Logic Level Hi-Z = 3-STATE (Outputs are disabled) Order Number Package Number Package Description DM74LS125AM M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS125ASJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74LS125AN N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output AC Y LLL HL H X H Hi-Z www.sycelectronica.com.ar |
유사한 부품 번호 - 74LS125 |
|
유사한 설명 - 74LS125 |