| 전자부품 데이터시트 검색엔진 |
|
HT81R18 데이터시트(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT81R18 데이터시트(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 19 page ![]() HT81012/HT81018 HT81XXX Rev. 1.50 3 November 21, 2006 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 ( 0 , 0 ) V D D O S C I K E Y 3 V S S O U T 1 V D D O U T 2 I / O 2 I / O 1 K E Y 4 Chip size: 41.9 ´ 84.4 (mil) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. |