전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC338AIMSTR 데이터시트(PDF) 5 Page - Semtech Corporation

부품명 SC338AIMSTR
상세설명  Ultra Low Output Voltage Dual Linear FET Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC338AIMSTR 데이터시트(HTML) 5 Page - Semtech Corporation

  SC338AIMSTR Datasheet HTML 1Page - Semtech Corporation SC338AIMSTR Datasheet HTML 2Page - Semtech Corporation SC338AIMSTR Datasheet HTML 3Page - Semtech Corporation SC338AIMSTR Datasheet HTML 4Page - Semtech Corporation SC338AIMSTR Datasheet HTML 5Page - Semtech Corporation SC338AIMSTR Datasheet HTML 6Page - Semtech Corporation SC338AIMSTR Datasheet HTML 7Page - Semtech Corporation SC338AIMSTR Datasheet HTML 8Page - Semtech Corporation SC338AIMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
 2004 Semtech Corp.
www.semtech.com
SC338(A)
POWER MANAGEMENT
Block Diagram
(0.95 VBG
at start-up)
(0.95 VBG
at start-up)
Marking Information
AK00:
Identifier for SC338
yyww:
Date code (Example: 0012)
xxxx:
Semtech Lot # (Example: E901
xxxx:
01-1)
SC338
Bottom Mark
xxxx
xxxx
yyww
AK00
Top Mark
338A:
Identifier for SC338A
yyww:
Date code (Example: 0012)
xxxx:
Semtech Lot # (Example: E901
xxxx:
01-1)
SC338A
Bottom Mark
xxxx
xxxx
Top Mark
AK0A
yyww
338A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com