| 전자부품 데이터시트 검색엔진 |
|
SC905AMLTRT 데이터시트(PDF) 13 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC905AMLTRT 데이터시트(HTML) 13 Page - Semtech Corporation |
|
13 / 23 page ![]() 13 © 2006 Semtech Corp. www.semtech.com POWER MANAGEMENT SC905A SC905A Slave Address: Defaults are indicated in BOLD. Notes: (1) The default status bit (DSB) is set to 1 only when the SC905A is enabled by either the HFPWR pin or the ON pin being pulled high, and it cannot be set to one through the I2C interface. When changing the VPAD control voltage, always write to register 0 with bit seven high. Set bit seven low only when the DSB is to be cleared by the MSM. This will prevent any software race condition in a multi-tasking environment. See the applications section for more information on using the DSB. (2) The Active Shutdown defaults ON at power-up, but the registers maintain their settings as the LDOs are enabled and disabled during normal operation. DEVICE ADDRESS R/W 000100 0 X Register Map Register Name Register Address Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Default State VPAD VCORE VMOT VANA /VCAM VTCXO/VRX VPLL /VTX ON/OFF CONTROL ACTIVE (2 ) SHUTDOWN STATUS (READ ONLY) 0 1 2 3 4 6 5 7 8 DSB (1 ) 1 0 User State X X VPAD 4 VPAD 3 VPAD 2 VPAD 1 VPAD 0 XX X VCORE4 VCORE3 VCORE2 VCORE1 VCORE0 X VMOT_EN VMOT Active SHDN VMOT4 VMOT3 VMOT2 VMOT1 VMOT0 10 10 OFF OFF ON ON VANA2 VANA1 VANA0 VCAM4 VCAM 3 VCAM2 VCAM1 VCAM 0 VTCXO2 VTCXO1 VTCXO0 VRX2 VRX1 VRX0 VPLL2 VPLL1 VPLL0 VTX2 VTX1 VTX0 X X X X VPAD _EN 10 OFF ON VCORE_EN 10 OFF ON VANA_EN 10 OFF ON VCAM_EN 10 OFF ON VTCXO_EN 10 OFF ON VPLL_EN 10 OFF ON VTX_EN 10 OFF ON VRX_EN 10 OFF ON VPAD Active SHDN 10 OFF ON VCORE Active SHDN 10 OFF ON VANA Active SHDN 10 OFF ON VCAM Active SHDN 10 OFF ON VTCXO Active SHDN 10 OFF ON VPLL Active SHDN 10 OFF ON VTX Active SHDN 10 OFF ON VRX Active SHDN 10 OFF ON EN_MOT 1 0 EN_TCXO 1 0 ON OTF 10 OK FAULT X X X X OFF ON OFF X |