| 전자부품 데이터시트 검색엔진 |
|
HT82K96E 데이터시트(PDF) 40 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT82K96E 데이터시트(HTML) 40 Page - Holtek Semiconductor Inc |
|
40 / 44 page ![]() 48-pin SSOP (300mil) Outline Dimensions Symbol Dimensions in mil Min. Nom. Max. A 395 ¾ 420 B 291 ¾ 299 C8 ¾ 12 C ¢ 613 ¾ 637 D85 ¾ 99 E ¾ 25 ¾ F4 ¾ 10 G25 ¾ 35 H4 ¾ 12 a 0 °¾ 8 ° HT82K96E Rev. 2.00 40 October 11, 2007 4 8 1 2 5 2 4 A B C D F C ' G H a E |