전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC2434SWTRT 데이터시트(PDF) 16 Page - Semtech Corporation

부품명 SC2434SWTRT
상세설명  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434SWTRT 데이터시트(HTML) 16 Page - Semtech Corporation

Back Button SC2434SWTRT Datasheet HTML 11Page - Semtech Corporation SC2434SWTRT Datasheet HTML 12Page - Semtech Corporation SC2434SWTRT Datasheet HTML 13Page - Semtech Corporation SC2434SWTRT Datasheet HTML 14Page - Semtech Corporation SC2434SWTRT Datasheet HTML 15Page - Semtech Corporation SC2434SWTRT Datasheet HTML 16Page - Semtech Corporation SC2434SWTRT Datasheet HTML 17Page - Semtech Corporation SC2434SWTRT Datasheet HTML 18Page - Semtech Corporation SC2434SWTRT Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
 2005 Semtech Corp.
www.semtech.com
PRELIMINARY
POWER MANAGEMENT
SC2434
Applications Information (Cont.)
The typical phase node voltage and the output voltage ripple waveform is shown in Fig. 11 under 60A full load
operation, where one can see the output ripple is very small and even with a frequency three times of the switching
frequency.
Fig. 11 - The typical phase node voltage and the output voltage ripple waveform under 60A full load operation.
The typical gate waveform for the top and bottom MOSFETs is also shown here, well-controlled dead time is
demonstrated which ensures high efficiency operation of the VR.
Fig. 12 - The typical gate waveform for the top and bottom MOSFETs.
Ch2: HS Gate
Ch3: Phase Node
Ch4: LS Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com