전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS310-HF 데이터시트(PDF) 1 Page - Comchip Technology

부품명 SS310-HF
상세설명  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS310-HF 데이터시트(HTML) 1 Page - Comchip Technology

  SS310-HF Datasheet HTML 1Page - Comchip Technology SS310-HF Datasheet HTML 2Page - Comchip Technology SS310-HF Datasheet HTML 3Page - Comchip Technology SS310-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reverse Voltage: 40 to 200 Volts
Forward Current: 3.0 Amp
RoHS Device
Page 1
REV:B
SS34-HF Thru. SS320-HF
Maximum Ratings and Electrical Characteristics
Comchip Technology CO., LTD.
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
Features
- Metal silicon junction, majority carrier conduction
- For surface mounted applications
- Low power loss, high efficiency
- High forward surge current capability
- For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Mechanical data
- Case: SMA
- Terminals: Solderable per MIL-STD-750, Method 2026
- Approx. Weight: 60mg / 0.0021oz
Dimensions in inches and (millimeter)
DO-214AC (SMA)
0.063 (1.60)
0.051 (1.30)
0.106 (2.70)
0.090 (2.30)
0.177 (4.50)
0.157 (4.00)
0.012(0.30)
0.205 (5.20)
0.185 (4.70)
0.059 (1.50)
0.035 (0.90)
0.087 (2.20)
0.075 (1.90)
TYP.
SP-JB016
Maximum DC blocking voltage
Parameter
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
Typical junction capacitance (Note 1)
40
V
28
V
V
3.0
-55 ~ +125
A
A
V
mA
pF
°C
Units
40
Peak forward surge current, 8.3ms
single half sine-wave superimposed
on rated load (JEDEC method)
Max instantaneous forward voltage at 3 A
Maximum DC reverse current Tj = 25
°C
at rated DC reverse voltage
Tj = 100
°C
Operating junction temperature range
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
Cj
Tj
Symbols
Tstg
Storage temperature range
60
42
60
100
100
0.55
0.70
0.85
450
-55 ~ +150
°C
150
105
150
200
140
200
0.95
400
80
70
0.5
5
IR
70
Typical thermal resistance (Note 2)
°C/W
RθJA
0.3
3
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz resistive or inductive load, for capacitive load, derate by 20 %
SS34
SS36
SS310
SS315
SS320
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4 V D.C
2. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.


유사한 부품 번호 - SS310-HF

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
SS310-100V-DO-214AA DGNJDZ-SS310-100V-DO-214AA Datasheet
263Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310-100V-DO-214AB DGNJDZ-SS310-100V-DO-214AB Datasheet
254Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310-100V-DO-214AC DGNJDZ-SS310-100V-DO-214AC Datasheet
258Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
SS310-G COMCHIP-SS310-G Datasheet
111Kb / 2P
SMD Schottky Barrier Rectifier
logo
Frontier Electronics.
SS310-LFR FRONTIER-SS310-LFR Datasheet
124Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SS310-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com